| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 583 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 583 Page - Freescale Semiconductor, Inc |
|
583 / 662 page ![]() Application: Date: Programmer: Sheet C 56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4 B-81 Freescale Semiconductor Preliminary 14 of 16 denotes Reserved Bits ESSI FIFO Control/Status Register (SFCSR) Base + $B Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read RFCNT TFCNT RFWM TFWM Write Reset 0000 0000 1000 0001 7 - 4 RFWM Receive FIFO Full Watermark This bit field controls the threshold setting of the Receive FIFO Full Flag will be set. RFF is set whenever the data level in the RXFIFO reaches the selected threshold. The following data shows the status of RFF for all data levels of the RXFIFO. 0000 Reserved 0001 RFF set when at least 1 data word has been written to the RXFIFO. Set when RXFIFO = 1, 2, 3, 4, 5, 6, 7, or 8 data words 0010 RFF set when 2 or more data word has been written to the RXFIFO. Set when RXFIFO = 2, 3, 4, 5, 6, 7, or 8 data words 0011 RFF set when 3 or more data word has been written to the RXFIFO. Set when RXFIFO = 3, 4, 5, 6, 7, or 8 data words 0100 RFF set when 4 or more data word has been written to the RXFIFO. Set when RXFIFO = 4, 5, 6, 7, or 8 data words 0101 RFF set when 5 or more data word has been written to the RXFIFO. Set when RXFIFO = 5, 6, 7, or 8 data words 0110 RFF set when 6 or more data word has been written to the RXFIFO. Set when RXFIFO = 6, 7, or 8 data words 0111 RFF set when 7 or more data word has been written to the RXFIFO. Set when RXFIFO = 7, or 8 data words 1000 RFF set when 8 data word has been written to the RXFIFO. Set when RXFIFO = 8 data words 3 - 0 TDWM Transmit FIFO Empty Watermark This bit field controls the threshold where the Transmit FIFO Empty flag is set. The following data provides the status of TFE for all data levels of the TXFIFO. 0000 Reserved 0001 TFE set when there is 1 empty slot in TXFIFO. (Default) Transmit FIFO empty is set when TXFIFO = <7 data 0010 TFE set when there is 2 or more empty slots in TXFIFO. Transmit FIFO empty is set when TXFIFO = <6 data 0011 TFE set when there is 3 empty slot in TXFIFO. Transmit FIFO empty is set when TXFIFO = <5 data 0100 TFE set when there is 4 empty slot in TXFIFO. Transmit FIFO empty is set when TXFIFO = <4 data 0101 TFE set when there is 5 empty slot in TXFIFO. Transmit FIFO empty is set when TXFIFO = <3 data 0110 TFE set when there is 6 empty slot in TXFIFO. Transmit FIFO empty is set when TXFIFO = <2 data 0111 TFE set when there is 7 empty slot in TXFIFO. Transmit FIFO empty is set when TXFIFO = <1 data 1000 TFE set when there is 8 empty slot in TXFIFO. Transmit FIFO empty is set when TXFIFO = <0 data ESSI FIFO Control/Status Register (SFCSR) continued ESSI |