| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 547 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 547 Page - Freescale Semiconductor, Inc |
|
547 / 662 page ![]() Application: Date: Programmer: Sheet Appendix B - Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-45 1 of 8 DMA Source Address High Register (DMASAH) denotes Reserved Bits DMA Source Address High Register (DMASAH) Base + $6 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 DMA SOURCE ADDRESS (HIGH) Write 0 0 0 0 0 0 0 0 Reset 000 000000 0000000 Bits Name Description 7 - 0 DMASAH DMA Source Address (High) This is the upper byte of the DMA Source Address. DMA data is read from this address. If post-incrementing (or decrementing) is enabled, this value is updated with each read transaction. |