| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 505 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 505 Page - Freescale Semiconductor, Inc |
|
505 / 662 page ![]() Appendix - B Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-3 B.1 Introduction The following pages provide a set of reference tables and programming sheets intended to simplify programming the 5685x. The programming sheets provide room to add the value of each bit and the hexadecimal value for each register. These pages may be photocopied. For complete instruction set details, please refer to Chapter 4 of the DSP56800E Reference Manual (DSP56800ERM). B.2 Programmers’ Sheets Each described instruction contains notations used to abbreviate certain operands and operations described in Table B-1. Programmers’ sheets are arranged to correspond with the chapters in this document. The same table lists programmers’ sheets by module, the registers in each module, and the appendix pages where the programmers’ sheets are located. Note: Reserved bits ( ) should always be set to 0 unless otherwise stated. • Table B-1. List of Programmer’s Sheets Register Type Register Page SYSTEM INTEGRATION MODULE (SIM) SYS_BASE = $1FFF08 SIM Control Register (SCR) B-8 SIM Control Data Registers 1-2 (SCD1-2) B-9 EXTERNAL MEMORY INTERFACE (EMI) EMI_BASE = $1FFE40 Base Address and Block Size Register (CSBAR) B-10 Chip Select Option Register (CSOR) B-11 Bus Control Register (BCR) B-13 ON-CHIP CLOCK SYNTHESIS (OCCS) CGM_BASE = $1FFFF10 CGM Control Register (CGMCR) B-14, B-15 CGM Divide-By Register (CGMDB) B-16 CGM Time of Day Register (CGMTOD) B-17 COMPUTER OPERATING PROPERLY (COP) COP_BASE = $1FFFD0 COP Control Register (COPCTL) B-18 COP Timeout Register (COPTO) B-19 COP Counter Register (COPCTR) B-20 |