| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 489 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 489 Page - Freescale Semiconductor, Inc |
|
489 / 662 page ![]() Appendix - A Glossary, Rev. 4 Freescale Semiconductor A-3 A.1 Glossary This glossary is intended to reduce potential confusion caused by the use of many acronyms and abbreviations throughout this manual. ACIM A/C Induction Motors A/D Analog-to-Digital ADC Analog to Digital Converter ADCR ADC Control Registe ADDR Address ADHLMT ADC High Limit Registers ADLLMT ADC Low Limit Registers ADLST ADC Channel List Registers ADLSTAT ADC Limit Status Register ADM Application Development Module ADOFS ADC Offset Registers ADR PD Address Bus Pull-up Disable ADRSLT ADC Result Registers ADSDIS ADC Sample Disable Register ADSTAT ADC Status Register ADZCC ADC Zero Crossing Control Register ADZCSTAT ADC Zero Crossing Status Register AGU Address Generation Unit ALU Arithmetic Logic Unit API Application Program Interface Barrel Shifter Part of the ALU that allows single cycle shifting and rotating of data word BCR Bus Control Register BDC Brush DC Motor BE Breakpoint Enable BFIU Boot Flash Interface Unit BFLASH Boot Flash BK Breakpoint Configuration Bit BLDC Brushless DC Motor BLKSZ Base Address and Block Size Register in the EMI peripherial |