Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56857 Fiches technique(PDF) 430 Page - Freescale Semiconductor, Inc

No de pièce DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Fiches technique(HTML) 430 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 426Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 427Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 428Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 429Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 430Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 431Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 432Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 433Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 434Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 662 page
background image
Features
5685X Digital Signal Controller User Manual, Rev. 4
16-4
Freescale Semiconductor
16.2.2 Host Side
•
Signals (16 pins)
— HD7–HD0 data bus
— HA2-HA0 Host Address bus
—HRW / HRD - Host Read Write select (HRW) or Host Read (HRD) strobe
— HDS / HWR - Host Data Strobe (HDS) or Host Write (HWR) strobe
—HCS Host Chip Select
—HREQ / HTRQ - Host Request (HREQ) or Host Transmit Request (HTRQ)
— HACK / HRRQ - Host Acknowledge (HACK) or Host Receive Request (HRRQ)
•
Mapping
— Consecutive byte locations
— Memory or I/O-mapped peripheral for microprocessors, microcontrollers, etc.
•
Eight-bit data word
•
Transfer modes
— Mixed 8- and 16-bit data transfers
—DSC-to-Host
—Host-to-DSC
— Host Command
•
Handshaking protocols
— Software polled
— interrupt driven
•
Dedicated interrupts
— Separate interrupt lines for each interrupt source
— Special host commands force core interrupts under Host Processor control, useful for:
— Real-time production diagnostics
— Debugging window for program development
— Host control protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More