| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 288 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 288 Page - Freescale Semiconductor, Inc |
|
288 / 662 page ![]() Error Conditions 5685X Digital Signal Controller User Manual, Rev. 4 11-18 Freescale Semiconductor Figure 11-11. Missed Read of Overflow Condition In this case, an overflow can easily be missed. Since no more SPRF interrupts can be generated until this OVRF is serviced, it is not obvious data is being lost as more transmissions are completed. To prevent this loss, either enable the OVRF interrupt or take another read of the SPSCR following the read of the SPDRR. This ensures the OVRF was not set before the SPRF was cleared. Future transmissions can set the SPRF bit. Figure 11-11 illustrates the described process. Generally, to avoid a second SPSCR read, enable the OVRF to the core by setting the ERRIE bit. READ SPDRR READ SPSCR OVRF SPRF DATA 1 DATA 2 DATA 3 DATA 4 DATA 1 SETS SPRF BIT. DSC READS SPSCR WITH SPRF BIT DSC READS DATA 1 IN SPDRR, DATA 2 SETS SPRF BIT. DSC READS SPSCR WITH SPRF BIT SET DATA 3 SETS OVRF BIT. DATA 3 IS LOST. DSC READS DATA 2 IN SPDRR, CLEARING SPRF DATA 4 FAILS TO SET SPRF BIT BECAUSE 1 1 2 3 4 5 6 7 8 2 3 4 5 6 7 8 CLEARING SPRF BIT. BIT BUT NOT THE OVRF BIT. OVRF BIT IS NOT CLEARED. DATA 4 IS LOST. SET AND OVRF BIT CLEAR. AND OVRF BIT CLEAR. |