| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 249 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 249 Page - Freescale Semiconductor, Inc |
|
249 / 662 page ![]() Functional Description Serial Communications Interface (SCI), Rev. 4 Freescale Semiconductor 10-13 If Start bit verification is not successful, the RT clock is reset and a new search for a Start bit begins. To determine the value of a Data bit and to detect noise, recovery logic takes samples at RT8, RT9, and RT10. Table 10-8 summarizes the results of the Data bit samples. Note: The RT8, RT9, and RT10 samples do not affect Start bit verification. If any or all of the RT8, RT9, and RT10 Start bit samples are logic 1s following a successful Start bit verification, the Noise Flag (NF) is set and the receiver assumes that the bit is a Start bit (Logic 0). To verify a Stop bit and to detect noise, recovery logic takes samples at RT8, RT9, and RT10. Table 10-9 summarizes the results of the Stop bit samples. Figure 10-7 illustrates the verification samples RT3 and RT5 determine the first low detected was noise and not the beginning of a Start bit. The RT clock is reset and the Start bit search begins again. The Noise Flag is not set because the noise occurred before the Start bit was found. Table 10-8. Data Bit Recovery RT8, RT9, and RT10 Samples Data Bit Determination Noise Flag 000 0 0 001 0 1 010 0 1 011 1 1 100 0 1 101 1 1 110 1 1 111 1 0 Table 10-9. Stop Bit Recovery RT8, RT9, and RT10 Samples Framing Error Flag Noise Flag 000 1 0 001 1 1 010 1 1 011 0 1 100 1 1 101 0 1 110 0 1 111 0 0 |