| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 206 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 206 Page - Freescale Semiconductor, Inc |
|
206 / 662 page ![]() Register Descriptions (ITCN_BASE = $1FFF20) 5685X Digital Signal Controller User Manual, Rev. 4 8-28 Freescale Semiconductor Figure 8-16. Fast Interrupt 0 Vector Address High Register (FIVAH0) See Programmer’s Sheet on Appendix page B - 40 8.7.12.2 Reserved—Bits 15–5 These bits are reserved or not implemented. They are read as 0, but they cannot be modified by writing. 8.7.12.3 Fast Interrupt 0 Vector Address High—Bits 4–0 Upper five bits of Vector Address for Fast Interrupt 0. 8.7.13 Fast Interrupt 1 Vector Address Low Register (FIVAL1) Figure 8-17. Fast Interrupt 1 Vector Address Low Register (FIVAL1) See Programmer’s Sheet on Appendix page B - 41 8.7.13.1 Fast Interrupt 1 Vector Address Low—Bits 15–0 Lower 16 bits of Vector Address for Fast Interrupt 1 8.7.14 Fast Interrupt 1 Vector Address High Register (FIVAH1) Figure 8-18. Fast Interrupt 1 Vector Address High Register (FIVAH1) See Programmer’s Sheet on Appendix page B - 41 8.7.14.1 Reserved—Bits 15–5 These bits are reserved or not implemented. They are read as 0, but they cannot be modified by writing. Base + $C 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 0 0 0 FAST INTERRUPT 0 VECTOR ADDRESS HIGH Write Reset 000000 0000000 000 Base + $E 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read FAST INTERRUPT 1 VECTOR ADDRESS LOW Write Reset 000000 0000000 000 Base + $F 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 0 0 0 FAST INTERRUPT 1 VECTOR ADDRESS HIGH Write Reset 000000 0000000 000 |