Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS43L36 Fiches technique(PDF) 86 Page - Cirrus Logic

No de pièce CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Fiches technique(HTML) 86 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 81Page - Cirrus Logic CS43L36 Datasheet HTML 82Page - Cirrus Logic CS43L36 Datasheet HTML 83Page - Cirrus Logic CS43L36 Datasheet HTML 84Page - Cirrus Logic CS43L36 Datasheet HTML 85Page - Cirrus Logic CS43L36 Datasheet HTML 86Page - Cirrus Logic CS43L36 Datasheet HTML 87Page - Cirrus Logic CS43L36 Datasheet HTML 88Page - Cirrus Logic CS43L36 Datasheet HTML 89Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
DS1081F3
86
CS43L36
10 Package Dimensions
10 Package Dimensions
10.1 WLCSP Package Dimensions
Table 10-1. WLCSP Package Dimensions
Dimension
Millimeters
Minimum
Nominal
Maximum
A
0.443
0.474
0.505
A1
0.148
0.174
0.200
A2
0.284
0.300
0.316
M
BSC
2.100
BSC
N
BSC
2.100
BSC
b
0.225
0.250
0.300
c
REF
0.272
REF
d
REF
0.272
REF
e
BSC
0.350
BSC
X
2.614
2.644
2.674
Y
2.614
2.644
2.674
ccc = 0.015
ddd = 0.015
Note: Controlling dimension is millimeters.
e
e
BUMP SIDE
WAFER BACK SIDE
SIDE VIEW
c
d
N
b
M
Ball A1 Location
Indicator
X
Y
A
A2
A1
Ball A1 Location Indicator (seen through package)
Seating Plane
Z
b
Z X Y
Z
Øccc
Øddd
Øb
Y
X
Notes:
• Dimensioning and tolerances per ASME Y 14.5M–1994.
• The Ball A1 position indicator is for illustration purposes only and may not be to scale.
• Dimension “b” applies to the solder sphere diameter and is measured at the maximum solder-ball diameter, parallel to primary Datum Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89