Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS43L36 Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Fiches technique(HTML) 4 Page - Cirrus Logic

  CS43L36 Datasheet HTML 1Page - Cirrus Logic CS43L36 Datasheet HTML 2Page - Cirrus Logic CS43L36 Datasheet HTML 3Page - Cirrus Logic CS43L36 Datasheet HTML 4Page - Cirrus Logic CS43L36 Datasheet HTML 5Page - Cirrus Logic CS43L36 Datasheet HTML 6Page - Cirrus Logic CS43L36 Datasheet HTML 7Page - Cirrus Logic CS43L36 Datasheet HTML 8Page - Cirrus Logic CS43L36 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
DS1081F3
4
CS43L36
1 Pin Assignments and Descriptions
1 Pin Assignments and Descriptions
This section shows pin assignments and describes pin functions.
1.1 WLCSP Pin Out (Through-Package View)
Figure 1-1. WLCSP Pin Diagram (Through-Package View)
SDA
SCL
VL
TSTO
ASP_SDIN
TSTO
VD_FILT
VA
AD1
GNDL
ASP_SCLK
ASP_LRCK/
FSYNC
GNDD
INT
FILT+
GNDA
AD0
VL_SEL
RESET
WAKE
TSTI
TSTI
TSTI
TSTI
DIGLDO_PDN
HPSENSA
VCP
VP
TSTI
TSTI
TSTO
TIP_SENSE
HPOUTA
+VCP_FILT
FLYP
TSTI
TSTI
TSTO
TSTO
HPSENSB
GNDCP
FLYC
GNDHS
HS3
TSTI
HS3_REF
HPOUTB
–VCP_FILT
FLYN
A1
A2
A3
A4
A5
A6
A7
B1
B2
B3
B4
B5
B6
B7
C1
C2
C3
C4
C5
C6
C7
D1
D2
D3
D4
D5
D6
D7
E1
E2
E3
E4
E5
E6
E7
F1
F2
F3
F4
F5
F6
F7
G1
G2
G3
G4
G5
G6
G7
Headphone
Power
Charge
General
Pump
Ground
Test
Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89