Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS43L36 Fiches technique(PDF) 53 Page - Cirrus Logic

No de pièce CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Fiches technique(HTML) 53 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 49Page - Cirrus Logic CS43L36 Datasheet HTML 50Page - Cirrus Logic CS43L36 Datasheet HTML 51Page - Cirrus Logic CS43L36 Datasheet HTML 52Page - Cirrus Logic CS43L36 Datasheet HTML 53Page - Cirrus Logic CS43L36 Datasheet HTML 54Page - Cirrus Logic CS43L36 Datasheet HTML 55Page - Cirrus Logic CS43L36 Datasheet HTML 56Page - Cirrus Logic CS43L36 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
DS1081F3
53
CS43L36
6.2 Power-Down and Headset-Detect Registers
6.2 Power-Down and Headset-Detect Registers
0x08
MCLK Status
(Read Only)
—
INTERNAL_
FS_STAT
—
p. 60
000
000
x
0
0x09
MCLK Control
—
INTERNAL_FS
—
p. 60
000
00010
0x0A
Soft Ramp Rate
ASR_RATE
DSR_RATE
p. 60
101
00100
0x0B
Slow Start Enable
—
SLOW_START_EN
—
p. 61
011
10000
0x0C–0x0D Reserved
—
xxxxx
xxx
0x0E
I2C Debounce
I2C_SDA_DBNC_CNT
I2C_SDA_
DBNC_EN
I2C_SCL_DBNC_CNT
I2C_SCL_
DBNC_EN
p. 61
100
01000
0x0F
I2C Stretch
I2C_STRETCH
p. 61
000
00011
0x10
I2C Timeout
MAS_I2C_
NACK
MAS_TO_DIS
MAS_TO_SEL
ACC_TO_DIS
ACC_TO_SEL
p. 61
101
10111
0x11–0x7F Reserved
—
xxxxx
xxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94(Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x11—Power-Down and Headset-Detect Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
0
0
010001
0x01
Power Down Control 1
—
ASP_DAI_
PDN
MIXER_PDN
HP_PDN
—
PDN_ALL
p. 62
1
1
111111
0x02
Power Down Control 2
—
DISCHARGE_
FILT+
SRC_PDN_
OVERRIDE
—
DAC_SRC_
PDNB
—
p. 62
1
0
000100
0x03
Power Down Control 3
—
VPMON_
PDNB
—
p. 63
0
0
100000
0x04–0x06 Reserved
—
x
xxx
xxxx
0x07
Oscillator Switch
Control
—SCLK_
PRESENT
p. 63
0
0
000000
0x08
Reserved
—
x
xxx
xxxx
0x09
Oscillator Switch
Status (Read Only)
—
OSC_PDNB_
STAT
OSC_SW_SEL_STAT
p. 63
0
0
000101
0x0A–0x12 Reserved
—
x
xxx
xxxx
0x13
Tip Sense Control 1
TS_INV
—
TS_FALL_DBNCE_TIME
TS_RISE_DBNCE_TIME
p. 63
0
0
011011
0x15
Tip Sense Indicator
Status (Read Only)
—
TS_UNPLUG_
DBNC
TS_PLUG_
DBNC
—
p. 64
0
0
0
0
xxxx
0x16–0x7F Reserved
—
x
xxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94(Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x10—Global Registers
Address
Function
765
43210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89