Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC9824 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BC9824 Datasheet

  • # Example questions: ➢ What happens to the payload in the tx fifo of a ptx if the max_rt interrupt is asserted?
    ➢ What are they, and how do they differ?
    ➢ What is the function of the irq mask in the config register, and how does it affect the behavior of the irq pin?

  • Part No.BC9824
    ManufacturerHOLTEK
    Size1Mb
    Pages22 pages
    DescriptionLow Power High Performance Low Power High Performance
    Datasheet Summary with AI

    1. Device Overview & Core Functionality

    ️· What it is: A 2.4 GHz transceiver designed for wireless data communication (likely IoT or similar applications).
    ️· Modes: Operates in both Transmit/Receive (PTX) and Receive (PRX) modes.
    ️· Key Features: Supports acknowledge and non-acknowledge transmissions, variable payload lengths, burst mode operation, and a range of interrupt signals.

    2. Data Handling (FIFOs & Payloads)

    ️· TX/RX FIFOs: Has three-level FIFOs for transmitting and receiving data. They are 32 bytes each.
    ️· Payloads:
    - Static vs. Dynamic: Supports both static (fixed length) and dynamic (variable length) payloads. Dynamic payloads are enabled via the EN_DPL bit in the FEATURE register.
    - Transmission: Payload is uploaded to the TX FIFO and automatically assembled into a packet for transmission.
    - Reception: The device validates received packets and writes valid payload into the RX FIFO.
    ️· Acknowledgement: Supports both ACK and non-ACK transmissions.

    3. Interrupts & Status

    ️· IRQ Pin: An active-low interrupt pin signals events like transmission complete (TX_DS), data received (RX_DR), and maximum retransmission count reached (MAX_RT).
    ️· Interrupt Sources: Interrupts can be masked in the CONFIG register to control which events trigger the IRQ pin.
    ️· Status Register: Provides information about TX/RX FIFO status, pipe information, and other device states.

    4. Transmission & Acknowledgement Process

    ️· No Acknowledgement: After transmission, the device sets TX_DS, generates an interrupt, and is done.
    ️· With Acknowledgement:
    - The device automatically waits for an acknowledgement from the receiver.
    - If no acknowledgement is received, the device retransmits (up to a threshold).
    - Retransmissions are controlled by ARD (acknowledgement delay) and ARC (maximum retransmission count).
    - If the retransmission count is exceeded, MAX_RT is asserted, triggering an interrupt.
    - The device supports a mechanism (REUSE_TX_PL) for manual retransmission.

    5. SPI Interface & Commands

    ️· Communication: Communicates with a host microcontroller via a Serial Peripheral Interface (SPI).
    ️· Command Structure: Commands are initiated with a high-to-low transition on the CSN (Chip Select Not) pin.
    ️· Data Transfer: Data is transferred serially, with the STATUS register shifted out on the MISO (Master In Slave Out) pin. Different byte ordering is used depending on the register being accessed.
    ️· Important Commands:
    - `W_TX_PAYLOAD/W_TX_PAYLOAD_NO_ACK`: Write data to TX FIFO.
    - `R_RX_PAYLOAD`: Read data from RX FIFO.
    - `FLUSH_TX`: Clear the TX FIFO.
    - `REUSE_TX_PL`: Initiate a manual retransmission.
    - `W_ACK_PAYLOAD`: Write data to the TX FIFO for an ACK packet.

    6. Key Configuration Bits

    ️· EN_DPL: Enables Dynamic Payload Length.
    ️· MASK bits in CONFIG register: Enable/disable interrupt sources.
    ️· CRCO: Determines the CRC (Cyclic Redundancy Check) length (1 or 2 bytes).
    ️· EN_AA: Enables auto-acknowledgement.

    1. Device Overview & Core Functionality

    ️· What it is: A 2.4 GHz transceiver designed for wireless data communication (likely IoT or similar applications).
    ️· Modes: Operates in both Transmit/Receive (PTX) and Receive (PRX) modes.
    ️· Key Features: Supports acknowledge and non-acknowledge transmissions, variable payload lengths, burst mode operation, and a range of interrupt signals.

    2. Data Handling (FIFOs & Payloads)

    ️· TX/RX FIFOs: Has three-level FIFOs for transmitting and receiving data. They are 32 bytes each.
    ️· Payloads:
    - Static vs. Dynamic: Supports both static (fixed length) and dynamic (variable length) payloads. Dynamic payloads are enabled via the EN_DPL bit in the FEATURE register.
    - Transmission: Payload is uploaded to the TX FIFO and automatically assembled into a packet for transmission.
    - Reception: The device validates received packets and writes valid payload into the RX FIFO.
    ️· Acknowledgement: Supports both ACK and non-ACK transmissions.

    3. Interrupts & Status

    ️· IRQ Pin: An active-low interrupt pin signals events like transmission complete (TX_DS), data received (RX_DR), and maximum retransmission count reached (MAX_RT).
    ️· Interrupt Sources: Interrupts can be masked in the CONFIG register to control which events trigger the IRQ pin.
    ️· Status Register: Provides information about TX/RX FIFO status, pipe information, and other device states.

    4. Transmission & Acknowledgement Process

    ️· No Acknowledgement: After transmission, the device sets TX_DS, generates an interrupt, and is done.
    ️· With Acknowledgement:
    - The device automatically waits for an acknowledgement from the receiver.
    - If no acknowledgement is received, the device retransmits (up to a threshold).
    - Retransmissions are controlled by ARD (acknowledgement delay) and ARC (maximum retransmission count).
    - If the retransmission count is exceeded, MAX_RT is asserted, triggering an interrupt.
    - The device supports a mechanism (REUSE_TX_PL) for manual retransmission.

    5. SPI Interface & Commands

    ️· Communication: Communicates with a host microcontroller via a Serial Peripheral Interface (SPI).
    ️· Command Structure: Commands are initiated with a high-to-low transition on the CSN (Chip Select Not) pin.
    ️· Data Transfer: Data is transferred serially, with the STATUS register shifted out on the MISO (Master In Slave Out) pin. Different byte ordering is used depending on the register being accessed.
    ️· Important Commands:
    - `W_TX_PAYLOAD/W_TX_PAYLOAD_NO_ACK`: Write data to TX FIFO.
    - `R_RX_PAYLOAD`: Read data from RX FIFO.
    - `FLUSH_TX`: Clear the TX FIFO.
    - `REUSE_TX_PL`: Initiate a manual retransmission.
    - `W_ACK_PAYLOAD`: Write data to the TX FIFO for an ACK packet.

    6. Key Configuration Bits

    ️· EN_DPL: Enables Dynamic Payload Length.
    ️· MASK bits in CONFIG register: Enable/disable interrupt sources.
    ️· CRCO: Determines the CRC (Cyclic Redundancy Check) length (1 or 2 bytes).
    ️· EN_AA: Enables auto-acknowledgement.

    Part No.BC9824
    ManufacturerHOLTEK
    Size1Mb
    Pages22 pages
    DescriptionLow Power High Performance Low Power High Performance