| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC564A80L7 Fiches technique(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 Fiches technique(HTML) 51 Page - STMicroelectronics |
|
51 / 157 page ![]() CAL_MDO[8] Calibration Nexus Message Data Out P01 — O VDDE12 Fast — CAL_MDO[8] / — — — — CAL_MDO[9] Calibration Nexus Message Data Out P01 — O VDDE12 Fast — CAL_MDO[9] / — — — — CAL_MDO[10] Calibration Nexus Message Data Out P01 — O VDDE12 Fast — CAL_MDO[10] / — — — — CAL_MDO[11] Calibration Nexus Message Data Out P01 — O VDDE12 Fast — CAL_MDO[11] / — — — — NEXUS EVTI Nexus event in P 01 231 I VDDEH7 MultiV(12),(14) — / Up EVTI / Up 116 E15 F21 EVTO Nexus event out P 01 227 O VDDEH7 MultiV(12),(14), (15) — EVTO / — 120 D15 F22 MCKO Nexus message clock out P — 219(11 ) O VRC33 Fast — MCKO / — 14 F15 G20 MDO0(16) Nexus message data out P 01 220 O VRC33 Fast — MDO[0] / — 17 A14 B20 MDO1(16) Nexus message data out P 01 221 O VRC33 Fast — MDO[1] / — 18 B14 C19 MDO2(16) Nexus message data out P 01 222 O VRC33 Fast — MDO[2] / — 19 A13 C18 MDO3(16) Nexus message data out P 01 223 O VRC33 Fast — MDO[3] / — 20 B13 D18 MDO4(16) ETPUA2_O(8) GPIO[75] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 75 O O I/O VDDEH7 MultiV(12),(14) — — / — 126 P10 B19 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |