| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC564A80L7 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 157 page ![]() BOOTCFG[0] IRQ[2] GPIO[211] Boot Config. Input External Interrupt Request GPIO P A1 G 01 10 00 211 I I I/O VDDEH6 Slow — / Down BOOTCFG[0] / Down —— U21 BOOTCFG[1] IRQ[3] ETRIG3 GPIO[212] Boot Config. Input External Interrupt Request eQADC Trigger Input GPIO P A1 A2 G 001 010 100 000 212 I I I I/O VDDEH6 Slow — / Down BOOTCFG[1] / Down 85 M15 T20 WKPCFG NMI DSPI_B_SOUT GPIO[213] Weak Pull Config. Input Non-Maskable Interrupt DSPI D data output GPIO P A1 A2 G 001 010 100 000 213 I I O I/O VDDEH6 Medium — / Up WKPCFG / Up 86 L15 R19 External Bus Interface CS[0] ADDR[8] GPIO[0] External chip selects External address bus GPIO P A1 G 01 10 00 0 O I/O I/O VDDE2 Fast — / Up — / Up — — M4 CS[1] ADDR9 GPIO[1] External chip selects External address bus GPIO P A1 G 01 10 00 1 O I/O I/O VDDE2 Fast — / Up — / Up — — M3 CS[2] ADDR10 WE[2]/BE[2] CAL_WE[2]/BE[2] GPIO[2] External chip selects External address bus Write/byte enable Cal. bus write/byte enable GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 2 O I/O O O I/O VDDE2 Fast — / Up — / Up — — N2 CS[3] ADDR11 WE[3]/BE[3] CAL_WE[3]/BE[3] GPIO[3] External chip selects External address bus Write/byte enable Cal bus write/byte enable GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 3 O I/O O O I/O VDDE2 Fast — / Up — / Up — — N1 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |