Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC564A80L7 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 26Page - STMicroelectronics SPC564A80L7 Datasheet HTML 27Page - STMicroelectronics SPC564A80L7 Datasheet HTML 28Page - STMicroelectronics SPC564A80L7 Datasheet HTML 29Page - STMicroelectronics SPC564A80L7 Datasheet HTML 30Page - STMicroelectronics SPC564A80L7 Datasheet HTML 31Page - STMicroelectronics SPC564A80L7 Datasheet HTML 32Page - STMicroelectronics SPC564A80L7 Datasheet HTML 33Page - STMicroelectronics SPC564A80L7 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
30/157
Doc ID 15399 Rev 9
is a variety of ways this module can be used, including as a component of an external real-
time data acquisition system
1.6
SPC564A80 series architecture
1.6.1
Block diagram
Figure 1 shows a top-level block diagram of the SPC564A80 series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More