| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC564A80L7 Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 157 page ![]() MDO5(16) ETPUA4_O(8) GPIO[76] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 76 O O I/O VDDEH7 MultiV(12),(14) — — / — 129 T10 C17 MDO6(16) ETPUA13_O(8) GPIO[77] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 77 O O I/O VDDEH7 MultiV(12),(14) — — / — 135 T11 D17 MDO7(16) ETPUA19_O(8) GPIO[78] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 78 O O I/O VDDEH7 MultiV(12),(14) — — / — 136 N11 B18 MDO8(16) ETPUA21_O(8) GPIO[79] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 79 O O I/O VDDEH7 MultiV(12),(14) — — / — 137 P11 A19 MDO9(16) ETPUA25_O(8) GPIO[80] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 80 O O I/O VDDEH7 MultiV(12),(14) — — / — 139 T7 B17 MDO10(16) ETPUA27_O(8) GPIO[81] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 81 O O I/O VDDEH7 MultiV(12),(14) — — / — 134 R10 A18 MDO11(16) ETPUA29_O(8) GPIO[82] Nexus message data out eTPU A channel (output only) GPIO[82] P A1 G 01 10 00 82 O O I/O VDDEH7 MultiV(12),(14) — — / — 124 P9 A17 MSEO[0](16) Nexus message start/end out P 01 224 O VDDEH7 MultiV(12),(14) — MSEO[0] / — 118 C15 G21 MSEO[1](16) Nexus message start/end out P 01 225 O VDDEH7 MultiV(12),(14) — MSEO[1] / — 117 E16 G22 RDY Nexus ready output P 01 226 O VDDEH7 MultiV(12),(14) —— — — G19 JTAG Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |