Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC564A80L7 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 29Page - STMicroelectronics SPC564A80L7 Datasheet HTML 30Page - STMicroelectronics SPC564A80L7 Datasheet HTML 31Page - STMicroelectronics SPC564A80L7 Datasheet HTML 32Page - STMicroelectronics SPC564A80L7 Datasheet HTML 33Page - STMicroelectronics SPC564A80L7 Datasheet HTML 34Page - STMicroelectronics SPC564A80L7 Datasheet HTML 35Page - STMicroelectronics SPC564A80L7 Datasheet HTML 36Page - STMicroelectronics SPC564A80L7 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
33/157
Reaction Module (REACM)
Works in conjunction with the eQADC and eTPU2 to increase system
performance by removing the CPU from the current control loop.
System Integration Unit (SIU)
Controls MCU reset configuration, pad configuration, external
interrupt, general purpose I/O (GPIO), internal peripheral
multiplexing, and the system reset operation.
Static random-access memory (SRAM)
Provides storage for program code, constants, and variables.
System timers
Includes periodic interrupt timer with real-time interrupt; output
compare timer and system watchdog timer.
Temperature sensor
Provides the temperature of the device as an analog value.
Table 3.
SPC564A80 series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More