Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC564A80L7 Fiches technique(PDF) 156 Page - STMicroelectronics

No de pièce SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Fiches technique(HTML) 156 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 149Page - STMicroelectronics SPC564A80L7 Datasheet HTML 150Page - STMicroelectronics SPC564A80L7 Datasheet HTML 151Page - STMicroelectronics SPC564A80L7 Datasheet HTML 152Page - STMicroelectronics SPC564A80L7 Datasheet HTML 153Page - STMicroelectronics SPC564A80L7 Datasheet HTML 154Page - STMicroelectronics SPC564A80L7 Datasheet HTML 155Page - STMicroelectronics SPC564A80L7 Datasheet HTML 156Page - STMicroelectronics SPC564A80L7 Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 156 / 157 page
background image
Document revision history
SPC564A74L7, SPC564A80B4, SPC564A80L7
156/157
Doc ID 15399 Rev 9
21-Mar-2012
8
(cont.)
–In Table 32,“APC, RWSC, WWSC settings vs. frequency of operation,”
- Added note for “Max Flash Operating Frequency(MHz).
- Changed values from 30, 60,120, 150 to 20,61,123, 153 respectively in Max Flash
Operating Frequency (MHz).
–In Table 33,a,“Flash program and erase specifications”dded two parameter “Tpsrt”
and “Tesrt”.
–In Table 41,“External Bus Interface maximum operating frequency”, replacedthe <=
symbol in notes with

– Added note “Refer to table DSPI timing for the numbers” in all the figures under
Section 3.17.8, “DSPI timing .
In Table 55, changed LBGA208 to MAPBGA and changed all packages to 123XXXX
format.
– Added Table 17,“SPC564A80 External network specification”.
– Updated Figure 8.
– Changed External Network Parameter Ce min value to “3*2.35 F+5 F” from
“2*2.35 F+5 F” in Table 17,“SPC564A80 External network specification”.
Changed Trans. Line (differential Zo) unit to
from W in Table 25,“DSPI LVDS pad
specification”.
18-Sep-2013
9
– Updated Disclaimer.
Table 56.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More