Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC564A80L7 Fiches technique(PDF) 134 Page - STMicroelectronics

No de pièce SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Fiches technique(HTML) 134 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 130Page - STMicroelectronics SPC564A80L7 Datasheet HTML 131Page - STMicroelectronics SPC564A80L7 Datasheet HTML 132Page - STMicroelectronics SPC564A80L7 Datasheet HTML 133Page - STMicroelectronics SPC564A80L7 Datasheet HTML 134Page - STMicroelectronics SPC564A80L7 Datasheet HTML 135Page - STMicroelectronics SPC564A80L7 Datasheet HTML 136Page - STMicroelectronics SPC564A80L7 Datasheet HTML 137Page - STMicroelectronics SPC564A80L7 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
134/157
Doc ID 15399 Rev 9
Figure 30.
DSPI modified transfer format timing — slave, CPHA =1
Figure 31.
DSPI PCS strobe (PCSS) timing
5
6
9
12
11
10
Last Data
Last Data
SIN
SOUT
SS
First Data
First Data
Data
Data
SCK Input
SCK Input
(CPOL=0)
(CPOL=1)
Note: Refer to Table 48 for the numbers.
PCSx
7
8
PCSS
Note: Refer to Table 48 for the numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More