| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL60X Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 165 page ![]() DocID15457 Rev 12 49/165 SPC56ELx, SPC564Lx Package pinouts and signal descriptions 164 68 E[0] SIUL — GPIO[64] ADC_1 — AN[5] 69 BCTRL — 70 VDD_LV_COR — 71 VSS_LV_COR — 72 VDD_HV_PMU — 73 A[0] SIUL GPIO[0] GPIO[0] eTimer_0 ETC[0] ETC[0] DSPI_2 SCK SCK SIUL — EIRQ[0] 74 A[1] SIUL GPIO[1] GPIO[1] eTimer_0 ETC[1] ETC[1] DSPI_2 SOUT — SIUL — EIRQ[1] 75 G[11] SIUL GPIO[107] GPIO[107] FlexRay DBG3 — FlexPWM_0 — FAULT[3] 76 D[10] SIUL GPIO[58] GPIO[58] FlexPWM_0 A[0] A[0] eTimer_0 — ETC[0] 77 G[10] SIUL GPIO[106] GPIO[106] FlexRay DBG2 — DSPI_2 CS3 — FlexPWM_0 — FAULT[2] 78 D[11] SIUL GPIO[59] GPIO[59] FlexPWM_0 B[0] B[0] eTimer_0 — ETC[1] 79 G[9] SIUL GPIO[105] GPIO[105] FlexRay DBG1 — DSPI_1 CS1 — FlexPWM_0 — FAULT[1] SIUL — EIRQ[29] 80 C[11] SIUL GPIO[43] GPIO[43] eTimer_0 ETC[4] ETC[4] DSPI_2 CS2 — Table 4. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |