| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL60X Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 165 page ![]() Package pinouts and signal descriptions SPC56ELx, SPC564Lx 48/165 DocID15457 Rev 12 52 B[9] SIUL — GPIO[25] ADC_0 ADC_1 —AN[11] 53 B[10] SIUL — GPIO[26] ADC_0 ADC_1 —AN[12] 54 B[11] SIUL — GPIO[27] ADC_0 ADC_1 —AN[13] 55 B[12] SIUL — GPIO[28] ADC_0 ADC_1 —AN[14] 56 VDD_HV_ADR1 — 57 VSS_HV_ADR1 — 58 VDD_HV_ADV — 59 VSS_HV_ADV — 60 B[13] SIUL — GPIO[29] LINFlexD_1 — RXD ADC_1 — AN[0] 61 E[9] SIUL — GPIO[73] ADC_1 — AN[7] 62 B[15] SIUL — GPIO[31] SIUL — EIRQ[20] ADC_1 — AN[2] 63 E[10] SIUL — GPIO[74] ADC_1 — AN[8] 64 B[14] SIUL — GPIO[30] eTimer_0 — ETC[4] SIUL — EIRQ[19] ADC_1 — AN[1] 65 E[11] SIUL — GPIO[75] ADC_1 — AN[4] 66 C[0] SIUL — GPIO[32] ADC_1 — AN[3] 67 E[12] SIUL — GPIO[76] ADC_1 — AN[6] Table 4. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |