| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL60X Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 165 page ![]() Package pinouts and signal descriptions SPC56ELx, SPC564Lx 36/165 DocID15457 Rev 12 Figure 4. SPC56ELx/SPC564Lx LFBGA257 pinout (top view) Table 3 , Table 4, and Table 5 provide the pin function summaries for the 100-pin, 144-pin, and 257-pin packages, respectively, listing all the signals multiplexed to each pin. 12 345 6789 10 11 12 13 14 15 16 17 A VSS_HV_I O VSS_HV_I O VDD_HV_ IO H[2] H[0] G[14] D[3] C[15] VDD_HV_ IO A[12] H[10] H[14] A[10] B[2] C[10] VSS_HV_I O VSS_HV_I O B VSS_HV_I O VSS_HV_I O B[6] A[14] F[3] A[9] D[4] D[0] VSS_HV_I O H[12] E[15] E[14] B[3] F[13] B[0] VDD_HV_ IO VSS_HV_I O C VDD_HV_ IO NC(1) VSS_HV_I O FCCU_F [1] D[2] A[13] VDD_HV_ REG_2 VDD_HV_ REG_2 I[0] JCOMP H[11] I[1] F[14] B[1] VSS_HV_I O A[4] F[12] D F[5] F[4] A[15] C[6] VSS_LV_ COR VDD_LV_ COR F[0] VDD_HV_ IO VSS_HV_I O NC A[11] E[13] F[15] VDD_HV_ IO VPP _TEST D[14] G[3] E MDO0 F[6] D[1] NMI NC C[14] G[2] I[3] F H[1] G[12] A[7] A[8] VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR NC C[13] I[2] G[4] G H[3] VDD_HV_ IO C[5] A[6] VDD_LV_ COR VSS_LV_ COR VSS_LV_ COR VSS_LV_ COR VSS_LV_ COR VSS_LV_ COR VDD_LV_ COR D[12] H[13] H[9] G[6] H G[13] VSS_HV_I O C[4] A[5] VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV VSS_LV VDD_HV_ REG_1 VDD_HV_ FLA H[6] J F[7] G[15] VDD_HV_ REG_0 VDD_HV_ REG_0 VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV VDD_LV VDD_HV_ REG_1 VSS_HV_ FLA H[15] K F[9] F[8] C[7] VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV NC H[8] H[7] A[3] L F[10] F[11] D[9] NC VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV NC TCK H[4] B[4] M VDD_HV_ OSC VDD_HV_ IO D[8] NC VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV C[11] B[5] TMS H[5] N XTAL VSS_HV_I O D[5] VSS_LV_ PLL NC C[12] A[2] G[5] P VSS_HV_ OSC RESET D[6] VDD_LV_ PLL VDD_LV_ COR VSS_LV_ COR B[8] NC VSS_HV_I O VDD_HV_ IO B[14] VDD_LV_ COR VSS_LV_ COR VDD_HV_ IO G[10] G[8] G[7] R EXTAL FCCU _F[0] VSS_HV_I O D[7] B[7] E[6] VDD_HV_ ADR0 B[10] VDD_HV_ ADR1 B[13] B[15] C[0] BCTRL A[1] VSS_HV_I O D[11] G[9] T VSS_HV_I O VDD_HV_ IO NC C[1] E[5] E[7] VSS_HV_ ADR0 B[11] VSS_HV_ ADR1 E[9] E[10] E[12] E[0] A[0] D[10] VDD_HV_ IO VSS_HV_I O U VSS_HV_I O VSS_HV_I O NC E[4] C[2] E[2] B[9] B[12] VDD_HV_ ADV VSS_HV_ ADV E[11] NC NC VDD_HV_ PMU G[11] VSS_HV_I O VSS_HV_I O 12 345 6789 10 11 12 13 14 15 16 17 1. NC = Not connected (the pin is physically not connected to anything on the device). |