| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL60X Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 165 page ![]() DocID15457 Rev 12 63/165 SPC56ELx, SPC564Lx Package pinouts and signal descriptions 164 G14 D[12] SIUL GPIO[60] GPIO[60] FlexPWM_0 X[1] X[1] LINFlexD_1 — RXD G15 H[13] SIUL GPIO[125] GPIO[125] FlexPWM_1 X[3] X[3] eTimer_2 ETC[3] ETC[3] G16 H[9] SIUL GPIO[121] GPIO[121] FlexPWM_1 B[1] B[1] DSPI_0 CS7 — G17 G[6] SIUL GPIO[102] GPIO[102] FlexPWM_0 A[3] A[3] H1 G[13] SIUL GPIO[109] GPIO[109] NPC MDO[10] — H2 VSS_HV_IO_RING — H3 C[4] SIUL GPIO[36] GPIO[36] DSPI_0 CS0 CS0 FlexPWM_0 X[1] X[1] SSCM DEBUG[4] — SIUL — EIRQ[22] H4 A[5] SIUL GPIO[5] GPIO[5] DSPI_1 CS0 CS0 eTimer_1 ETC[5] ETC[5] DSPI_0 CS7 — SIUL — EIRQ[5] H6 VDD_LV — H7 VSS_LV — H8 VSS_LV — H9 VSS_LV — H10 VSS_LV — H11 VSS_LV — H12 VDD_LV — H14 VSS_LV — H15 VDD_HV_REG_1 — H16 VDD_HV_FLA — Table 5. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |