Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL60X Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce SPC56EL60X
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 56Page - STMicroelectronics SPC56EL60X Datasheet HTML 57Page - STMicroelectronics SPC56EL60X Datasheet HTML 58Page - STMicroelectronics SPC56EL60X Datasheet HTML 59Page - STMicroelectronics SPC56EL60X Datasheet HTML 60Page - STMicroelectronics SPC56EL60X Datasheet HTML 61Page - STMicroelectronics SPC56EL60X Datasheet HTML 62Page - STMicroelectronics SPC56EL60X Datasheet HTML 63Page - STMicroelectronics SPC56EL60X Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 165 page
background image
Package pinouts and signal descriptions
SPC56ELx, SPC564Lx
60/165
DocID15457 Rev 12
D3
A[15]
SIUL
GPIO[15]
GPIO[15]
eTimer_1
ETC[5]
ETC[5]
FlexCAN_1
—
RXD
FlexCAN_0
—
RXD
SIUL
—
EIRQ[14]
D4
C[6]
SIUL
GPIO[38]
GPIO[38]
DSPI_0
SOUT
—
FlexPWM_0
B[1]
B[1]
SSCM
DEBUG[6]
—
SIUL
—
EIRQ[24]
D5
VSS_LV_CORE_RING
—
D6
VDD_LV_CORE_RING
—
D7
F[0]
SIUL
GPIO[80]
GPIO[80]
FlexPWM_0
A[1]
A[1]
eTimer_0
—
ETC[2]
SIUL
—
EIRQ[28]
D8
VDD_HV_IO_RING
—
D9
VSS_HV_IO_RING
—
D10
Not connected
—
D11
A[11]
SIUL
GPIO[11]
GPIO[11]
DSPI_2
SCK
SCK
FlexPWM_0
A[0]
A[0]
FlexPWM_0
A[2]
A[2]
SIUL
—
EIRQ[10]
D12
E[13]
SIUL
GPIO[77]
GPIO[77]
eTimer_0
ETC[5]
ETC[5]
DSPI_2
CS3
—
SIUL
—
EIRQ[25]
D13
F[15]
SIUL
GPIO[95]
GPIO[95]
LINFlexD_1
—
RXD
D14
VDD_HV_IO_RING
—
D15
VPP_TEST(1)
—
D16
D[14]
SIUL
GPIO[62]
GPIO[62]
FlexPWM_0
B[1]
B[1]
eTimer_0
—
ETC[3]
Table 5. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More