| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL60X Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 165 page ![]() DocID15457 Rev 12 65/165 SPC56ELx, SPC564Lx Package pinouts and signal descriptions 164 K9 VSS_LV — K10 VSS_LV — K11 VSS_LV — K12 VDD_LV — K14 Not connected — K15 H[8] SIUL GPIO[120] GPIO[120] FlexPWM_1 A[1] A[1] DSPI_0 CS6 — K16 H[7] SIUL GPIO[119] GPIO[119] FlexPWM_1 X[1] X[1] eTimer_2 ETC[1] ETC[1] K17 A[3] SIUL GPIO[3] GPIO[3] eTimer_0 ETC[3] ETC[3] DSPI_2 CS0 CS0 FlexPWM_0 B[3] B[3] MC_RGM — ABS[2] SIUL — EIRQ[3] L1 F[10] SIUL GPIO[90] GPIO[90] NPC EVTO — L2 F[11] SIUL GPIO[91] GPIO[91] NPC — EVTI L3 D[9] SIUL GPIO[57] GPIO[57] FlexPWM_0 X[0] X[0] LINFlexD_1 TXD — L4 Not connected — L6 VDD_LV — L7 VSS_LV — L8 VSS_LV — L9 VSS_LV — L10 VSS_LV — L11 VSS_LV — L12 VDD_LV — L14 Not connected — L15 TCK — Table 5. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |