| Moteur de recherche de fiches techniques de composants électroniques |
|
STNS01 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNS01 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 29 page ![]() DocID024654 Rev 2 23/29 STNS01 Package mechanical data 9 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK ® packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product status are available at: www.st.com. ECOPACK is an ST registered trademark. Table 9. DFN12L (3 x 3 x 0.75 mm) mechanical data Dim. mm inch Min. Typ. Max. Min. Typ. Max. A 0.70 0.75 0.80 0.028 0.030 0.031 A1 0 0.02 0.05 0 0.001 0.002 A3 0.20 0.008 b 0.18 0.25 0.30 0.007 0.010 0.012 D 2.85 3 3.15 0.112 0.118 0.124 D2 1.87 2.02 2.12 0.074 0.080 0.083 E 2.85 3 3.15 0.112 0.118 0.124 E2 1.06 1.21 1.31 0.042 0.048 0.052 e 0.45 0.018 L 0.30 0.40 0.50 0.012 0.016 0.020 |