Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNS01 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STNS01
Description  Battery overcurrent protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNS01 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STNS01 Datasheet HTML 8Page - STMicroelectronics STNS01 Datasheet HTML 9Page - STMicroelectronics STNS01 Datasheet HTML 10Page - STMicroelectronics STNS01 Datasheet HTML 11Page - STMicroelectronics STNS01 Datasheet HTML 12Page - STMicroelectronics STNS01 Datasheet HTML 13Page - STMicroelectronics STNS01 Datasheet HTML 14Page - STMicroelectronics STNS01 Datasheet HTML 15Page - STMicroelectronics STNS01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Functional pin description
STNS01
12/29
DocID024654 Rev 2
7
Functional pin description
Pin 1: IN
5 V input supply voltage. This pin supplies power to the SYS pin and the battery charger
when the input voltage is higher than V
UVLO
and lower than V
INOVP
. Bypass this pin to GND
with a 2.2 μF ceramic capacitor.
Pin 2: SYS
LDO input voltage. This pin can be used to supply up to 100 mA to external devices. The
voltage source of this pin can be either IN or BAT depending on the operating conditions.
Refer to
Table 7 for more details. Bypass this pin to GND with a 2.2 μF ceramic capacitor.
Pin 3: LDO
LDO output voltage. This pin outputs a 3.1 V regulated voltage and can supply up to 100
mA. Bypass this pin to GND with a 1 μF ceramic capacitor.
Pin 4: SD
Shutdown input. A logic high level on this pin when the input voltage (V
IN
) is not valid makes
the device enter shutdown mode. In this mode the battery drain is reduced to less than 500
nA and the SYS and LDO voltages are not present. Connecting a valid input voltage
(V
UVLO
<V
IN
<V
INOVP
) restores normal operating conditions if the battery voltage is higher
than V
ODCR
.
If the device is in shutdown mode and the battery voltage is lower than V
ODCR
, when a valid
input voltage is connected and then disconnected again, the STNS01 doesn't exit shutdown
mode (see
Figure 16).
This pin has an internal 500 k
Ω pull-down resistor.
Table 7. SYS pin voltage
VIN
VBAT
VSYS
LDO
> V
UVLO
& < V
INOVP
X
(don’t care)
V
IN
(1)
1.
Voltage drop over internal MOSFETs not included.
ON
< V
UVLO
< V
ODC
(2)
2.
V
ODCR
if shutdown mode or overdischarge protection has been previously activated.
Not powered
OFF
< V
UVLO
> V
ODC
(2)
V
BAT
(1)
ON
> V
INOVP
< V
ODC
(2)
Not powered
OFF
> V
INOVP
> V
ODC
(2)
V
BAT
(1)
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29