Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNS01 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STNS01
Description  Battery overcurrent protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNS01 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STNS01 Datasheet HTML 6Page - STMicroelectronics STNS01 Datasheet HTML 7Page - STMicroelectronics STNS01 Datasheet HTML 8Page - STMicroelectronics STNS01 Datasheet HTML 9Page - STMicroelectronics STNS01 Datasheet HTML 10Page - STMicroelectronics STNS01 Datasheet HTML 11Page - STMicroelectronics STNS01 Datasheet HTML 12Page - STMicroelectronics STNS01 Datasheet HTML 13Page - STMicroelectronics STNS01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Typical performance characteristics (curves)
STNS01
10/29
DocID024654 Rev 2
6
Typical performance characteristics (curves)
Figure 4. Start-up
Figure 5. Start - up VBAT = 0 V
V
IN
= 0 V to 5 V, V
BAT
= 3.6 V, I
CHG
= 200 mA
V
IN
= 0 V to 5 V, V
BAT
= 30 V, I
CHG
= 100 mA
Figure 6. Input OVP
Figure 7. IPRE-CHG to IFAST-CHG
V
IN
= 5.5 V to 6.8 V, V
BAT
= 3.6 V, I
CHG
= 100 mA
V
IN
= 5 V, V
BAT
= 1.8V - 3.6 V, I
CHG
= 200 mA
Figure 8. Plug USB
Figure 9. Unplug USB (battery powered)
V
IN
= 0 V to 5 V, V
BAT
= 3.6 V, I
CHG
= 200 mA
V
IN
= 5 V to 0 V, V
BAT
= 3.6 V, I
CHG
= 200 mA
VSYS
2 V/div
I
CHG
0.05 A/div
100 ms/div
LDO
2 V/div
VIN
2 V/div
VSYS
2 V/div
LDO
2 V/div
VIN
2 V/div
VBAT
1V/div
100 ms/div
VIN
3 V/div
LDO
3 V/div
VBAT
3 V/div
I
CHG
0.1 A/div
500 ms/div
IPRE-CHG
IFAST-CHG
NO-CHG
VBAT
0.9 V/div
I
CHG
0.08 A/div
50 ms/div
I
CHG
0.1 V/div
LDO
2 V/div
VIN
3V/div
VBAT
2 V/div
200 ms/div
I
CHG
0.2 V/div
LDO
2 V/div
VIN
3V/div
VBAT
2 V/div
50 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com