Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNS01 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STNS01
Description  Battery overcurrent protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNS01 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STNS01 Datasheet HTML 10Page - STMicroelectronics STNS01 Datasheet HTML 11Page - STMicroelectronics STNS01 Datasheet HTML 12Page - STMicroelectronics STNS01 Datasheet HTML 13Page - STMicroelectronics STNS01 Datasheet HTML 14Page - STMicroelectronics STNS01 Datasheet HTML 15Page - STMicroelectronics STNS01 Datasheet HTML 16Page - STMicroelectronics STNS01 Datasheet HTML 17Page - STMicroelectronics STNS01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Functional pin description
STNS01
14/29
DocID024654 Rev 2
If the charger is temporarily stopped because of the battery temperature being out of the
normal range, a logic low level on the CEN pin disables the charger and resets the charging
timeout timers. If CEN is then driven high again the charger is restarted only if a no-fault
condition is active (including battery temperature out of range).
This pin has an internal 500 k
Ω pull-up resistor connected to LDO and must be left floating
or tied high at power on.
Figure 17. Charge disable / enable
Pin 7: GND
Device ground pin.
Pin 8: NTC
Battery temperature monitoring pin. Connect the battery's NTC resistor to this pin. The
charging cycle is put on hold when the battery temperature is outside of the safe
temperature range (0 °C to 45 °C). See
Section 8.3 for more details.
Pin 9: ISET
Fast-charge current programming pin. Connect a resistor (R
ISET
) to ground to set the fast-
charge current (I
FAST
) according to the following equation:
I
FAST
= V
ISET
/ R
ISET
* K
Where V
ISET
= 1 V and K = 200. Fast-charge currents ranging from 15 mA to 200 mA can
be programmed. Pre-charge current and end of charge current are scaled accordingly.
Charging currents higher than 200 mA can be programmed but the increased voltage drop
over internal MOSFETs can limit the minimum input voltage (V
IN
) needed to obtain full
charge.
Pin 10: BATMS
Battery voltage measurement pin. This pin is internally shorted to the BATSNS pin during
normal operating conditions to monitor the battery voltage. The BATMS pin is disconnected
from the battery if the LDO output voltage drops to zero (battery discharge overcurrent,
battery overdischarge, shutdown mode, short-circuit on SYS or LDO).
VIN
3 V/div
CEN
3 V/div
VBAT
3 V/div
I
CHG
0.1 A/div
100 ms/div
VIN = 5.0 V, VBAT = 3.2 V, ICHG = 80 mA
DISABLE CHG
ENABLE CHG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com