Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNS01 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STNS01
Description  Battery overcurrent protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNS01 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STNS01 Datasheet HTML 14Page - STMicroelectronics STNS01 Datasheet HTML 15Page - STMicroelectronics STNS01 Datasheet HTML 16Page - STMicroelectronics STNS01 Datasheet HTML 17Page - STMicroelectronics STNS01 Datasheet HTML 18Page - STMicroelectronics STNS01 Datasheet HTML 19Page - STMicroelectronics STNS01 Datasheet HTML 20Page - STMicroelectronics STNS01 Datasheet HTML 21Page - STMicroelectronics STNS01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Operation description
STNS01
18/29
DocID024654 Rev 2
Figure 18. Charging flowchart
AM12709v1
Start
End
t
PRE timer
Expired ?
Pre-charge
V
BAT <VPRE ?
V
BAT <VPRE
OR t
FAST timer
expired ?
VBAT <VFLOAT ?
Fast-charge
CC
I
BAT <IEND ?
Fast-charge
CV
Stop charger
Start alarm
YES
NO
YES
NO
YES
NO
YES
NO
NO
YES
Is Battery
Temperature
Good?
Stop charger,
Start alarm
Always active
During charge
Resume
charging,
Stop alarm
YES
NO
VBAT>VOCHG?
YES
Stop charger,
Start alarm
NO
End
Always active
During charge
Actions
Pre-charge: starts t
PRE timer,
starts charging in CC mode
at I
PRE
Fast-charge CC: starts t
FAST
timer, increases charge
current to I
FAST
Fast-charge CV: activates
the constant-voltagecontrol
loop
Start Alarm: the CHG pin
starts toggling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29