| Moteur de recherche de fiches techniques de composants électroniques |
|
STNS01 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNS01 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 29 page ![]() DocID024654 Rev 2 17/29 STNS01 Operation description Once the fast-charge phase has started, if the battery voltage decreases again below V PRE , the charging process is stopped and a fault is signaled. The constant-current fast-charge phase lasts as long as the battery voltage is lower than V FLOAT . When V BAT reaches V FLOAT , the charging algorithm switches to constant-voltage (CV) mode. During the CV mode the battery voltage is regulated to V FLOAT and the charging current starts decreasing. When the charging current reaches the I END threshold (I END = 10% I FAST ), the charging process is stopped and the CHG pin is put in high impedance. If the fast-charge phase is not terminated within t FAST , the charging process is stopped and a fault is signaled. The battery temperature is monitored throughout the charging cycle for safety reasons. See Section 8.3 for more details. Refer to Figure 18 for a simplified flowchart of the charging process. |