Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2050A Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 40Page - STMicroelectronics STV2050A Datasheet HTML 41Page - STMicroelectronics STV2050A Datasheet HTML 42Page - STMicroelectronics STV2050A Datasheet HTML 43Page - STMicroelectronics STV2050A Datasheet HTML 44Page - STMicroelectronics STV2050A Datasheet HTML 45Page - STMicroelectronics STV2050A Datasheet HTML 46Page - STMicroelectronics STV2050A Datasheet HTML 47Page - STMicroelectronics STV2050A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
44/83
STV2050A - BLANKING OF VIDEO SIGNALS
The TVH and TVV bits are designed to be used, for example, in front projection applications.
They are used to cut off TV video information at the left and right edges, as well as at the top
and the bottom of the projection area that belongs to the overscan region in standard TV sets.
TVV
Blanking of TV picture in vertical direction
0: Blanking off
1: Blanking on
FAS
0: Normal TV picture only
1: The normal TV picture is overlapped by the video pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83