Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2050A Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 34Page - STMicroelectronics STV2050A Datasheet HTML 35Page - STMicroelectronics STV2050A Datasheet HTML 36Page - STMicroelectronics STV2050A Datasheet HTML 37Page - STMicroelectronics STV2050A Datasheet HTML 38Page - STMicroelectronics STV2050A Datasheet HTML 39Page - STMicroelectronics STV2050A Datasheet HTML 40Page - STMicroelectronics STV2050A Datasheet HTML 41Page - STMicroelectronics STV2050A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
38/83
STV2050A - VIDEO PATTERN GENERATOR
Figure 20. Vertical Border Lines
Note: The value of the BPV bit must be smaller than that of the VGD bit.
7.5 GAIN ADJUSTMENT LINES
The “Gain Adjustment Lines” pattern is used mainly for 2 purposes:
– To calibrate the convergence currents in order to achieve a consistent geometrical correction
on the screens of a series of PTVs,
– To have an easy visual adjustment of the interlace mode.
The cursor has two different shapes, one for the adjustment of the vertical gain and another for
the adjustment of the horizontal gain.
The video pattern for the gain cursor is defined in the EA register.
7.5.1 Video Pattern for Horizontal Gain Cursor
The horizontal gain cursor can be used for adjusting the horizontal convergence channels.
The video pattern in the odd field is identical to the video pattern of the large cursor displayed
at the centre of the visible grid.
GCP
0: Gain cursor video pattern off
1: Gain cursor video pattern on
VHV
0: Horizontal gain cursor video pattern
1: Vertical gain cursor video pattern
11
12
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
V-Gridlines
Border Lines
BPV
BPV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83