Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2050A Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 71Page - STMicroelectronics STV2050A Datasheet HTML 72Page - STMicroelectronics STV2050A Datasheet HTML 73Page - STMicroelectronics STV2050A Datasheet HTML 74Page - STMicroelectronics STV2050A Datasheet HTML 75Page - STMicroelectronics STV2050A Datasheet HTML 76Page - STMicroelectronics STV2050A Datasheet HTML 77Page - STMicroelectronics STV2050A Datasheet HTML 78Page - STMicroelectronics STV2050A Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
75/83
STV2050A - I²C BUS REGISTER VARIABLE GLOSSARY AND REGISTER LOCATION
HRD Horizontal Retrace Distance ...............................................................................D8
HVB Horinzontal Video Blanking position....................................................................D6
HVM Horintal or Vertical Measurement.................................................................. D4,E4
I
ICV
Interlace Correction Value.................................................................................. DA
IFA
Interlace Field choice ......................................................................................... DA
IIE
Interlace enable.................................................................................................. DA
M
MLE Manual Measuring Line Enable...........................................................................D5
MLN Measuring Line Number......................................................................................D5
MSY ............................................................................................................................E4
MVB Measuring Value for blue channel.......................................................................E8
MVG Measuring Value for green channel ....................................................................E8
MVR Measuring Value for red channel ........................................................................E8
N
NOM Number of measurements.................................................................................. DF
O
OBH Offset canceller Blue Horizontal..........................................................................D2
OBV Offset canceller Blue Vertical ..............................................................................D3
ODS OPTT port direction selection..............................................................................E5
ODT OPTT output data................................................................................................E5
OGH Offset canceller Green Horizontal .......................................................................D2
OGV Offset canceller Green Vertical ...........................................................................D3
OLE Offset Loop Enable ............................................................................................ DF
OOS OPTT output mode..............................................................................................E5
OPI
OPTI windowing ..................................................................................................E5
ORH Offset canceller Red Horizontal ..........................................................................D2
ORV Offset canceller Red Vertical...............................................................................D3
P
PAS Pattern Selection................................................................................................ EA
PBH Pattern Brightness Horizontal .............................................................................D6
PBV Pattern Brightness Vertical..................................................................................D6
PDA Port A Direction Selection ............................................................................. D4,E4
PDB Port B Direction Selection ............................................................................. D4,E4
PDC Port C Direction Selection ............................................................................. D4,E4
PIA
Status of the port PORA......................................................................................E4
PIB
Status of the port PORB......................................................................................E4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83