Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2050A Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 15Page - STMicroelectronics STV2050A Datasheet HTML 16Page - STMicroelectronics STV2050A Datasheet HTML 17Page - STMicroelectronics STV2050A Datasheet HTML 18Page - STMicroelectronics STV2050A Datasheet HTML 19Page - STMicroelectronics STV2050A Datasheet HTML 20Page - STMicroelectronics STV2050A Datasheet HTML 21Page - STMicroelectronics STV2050A Datasheet HTML 22Page - STMicroelectronics STV2050A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
19/83
STV2050A - RAM ALLOCATION
Figure 8. Addressing a Correction Point
4.1.2 Common Correction Values
The common correction values are stored in the “adjustment data sets” of the Red and I²C
channel. See Figure 7 "Color Banks" on page 14 and Section 9.1 "GLOBAL ADJUSTMENTS
- COMMON PARAMETERS" on page 45.
4.2 I²C REGISTERS
All I²C registers are implemented in the “Red and I²C Bank” of the embedded RAM. As it can
be useful to store some of the I²C register content in the EEPROM, the embedded RAM allo-
cation is divided into two parts:
– From sub-address D0 to E2 (included), contents can be stored in the EEPROM, and can
then be restored,
– From sub-addresses E3 to EF and FE, contents are lost when the STV2050A is switched off.
VISIBLE
SCREEN
AREA
0
1
15
0
1
2
12
2
6
7
Address:
76(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83