Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STS1TX Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 22Page - STMicroelectronics STS1TX Datasheet HTML 23Page - STMicroelectronics STS1TX Datasheet HTML 24Page - STMicroelectronics STS1TX Datasheet HTML 25Page - STMicroelectronics STS1TX Datasheet HTML 26Page - STMicroelectronics STS1TX Datasheet HTML 27Page - STMicroelectronics STS1TX Datasheet HTML 28Page - STMicroelectronics STS1TX Datasheet HTML 29Page - STMicroelectronics STS1TX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
Operating modes
STS1TX
26/70
DocID025109 Rev 1
Note:
It is not allowed to set LDC_PRESCALER or LDC_COUNTER to 0
For LDCR_COUNTER and LDCR_PRESCALER only, the effective number of cycles
counted is given by the value + 1 (e.g. counter=1 and prescaler=1 produces 2 x 2=4 counts,
counter=1 and prescaler=2 produces 2 x 3=6 counts, etc.).
Table 21. STS1TX timers description and duration
No.
Register name
Description
Source
Time
step
Max. time
3
LDCR_PRESCALER
Wakeup period
RCO
~29µs
~2s
4
LDCR_COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70