| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5347 Fiches technique(PDF) 81 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5347 Fiches technique(HTML) 81 Page - PMC-Sierra, Inc |
|
81 / 302 page ![]() PM5347 S/UNI-PLUS DATA SHEET PMC-941033 ISSUE 6 SATURN USER NETWORK INTERFACE PLUS PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 65 Figure 9 - Default Path Overhead Values J1 (0x00) B3 (*) C2 (0x13) Z3 (0x00) Z4 (0x00) Z5 (0x00) F2 (0x00) * : B3 value depends on payload contents G1 value depends on incoming path bit errors G1 (*) H4 (0x00) 9.16 Transmit ATM Cell Processor The Transmit ATM Cell Processor (TACP) provides rate adaptation via idle/unassigned cell insertion, provides HCS generation and insertion, and performs ATM cell scrambling. The TACP contains a four cell transmit FIFO. An idle or unassigned cell is transmitted if a complete ATM cell has not been written into the FIFO. |