| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5347 Fiches technique(PDF) 60 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5347 Fiches technique(HTML) 60 Page - PMC-Sierra, Inc |
|
60 / 302 page ![]() PM5347 S/UNI-PLUS DATA SHEET PMC-941033 ISSUE 6 SATURN USER NETWORK INTERFACE PLUS PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 44 Figure 3 - STS-3c/STM-1 and STS-1 Jitter Tolerance Jitter Frequency (Hz) 0.1 1 10 100 10 100 1000 10000 100000 1000000 10000000 GR-253-CORE 9.2 Serial to Parallel Converter The Serial to Parallel Converter (SIPO) converts the received bit serial stream to a byte serial stream. The SIPO searches for the SONET/SDH framing pattern (A1, A2) in the receive stream, and performs serial to parallel conversion on octet boundaries. 9.3 Receive Section Overhead Processor The Receive Section Overhead Processor (RSOP) provides frame synchronization, descrambling, section level alarm and performance monitoring. In addition, it extracts the section orderwire channel, the section user channel, the section data communication channel from the section overhead and provides it serially on outputs RSOW, RSUC and RSD respectively. Framer The Framer Block determines the in-frame/out-of-frame status of the receive stream. |