| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5347 Fiches technique(PDF) 65 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5347 Fiches technique(HTML) 65 Page - PMC-Sierra, Inc |
|
65 / 302 page ![]() PM5347 S/UNI-PLUS DATA SHEET PMC-941033 ISSUE 6 SATURN USER NETWORK INTERFACE PLUS PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 49 new_point: disabled_NDF + ss + offset value in range of 0 to 782 but not equal to active offset. Notes: 1. Active offset is defined as the accepted current phase of the SPE in the NORM_state and is undefined in the other states. 2. Enabled new data flag (NDF) is defined as the following bit patterns: 1001, 0001, 1101, 1011, 1000. 3. Disabled NDF is defined as the following bit patterns: 0110, 1110, 0010, 0100, 0111. 4. The remaining six NDF codes (0000, 0011, 0101, 1010, 1100, 1111) result in an inv_point indication. 5. Ss bits are unspecified in SONET and has bit pattern 10 in SDH 6. The use of ss bits in definition of indications may be optionally disabled. 7. The requirement for previous NDF_enable, inc_ind or dec_ind be more than 3 frames ago may be optionally disabled. 8. New_point is also an inv_point. |