| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5347 Fiches technique(PDF) 55 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5347 Fiches technique(HTML) 55 Page - PMC-Sierra, Inc |
|
55 / 302 page ![]() PM5347 S/UNI-PLUS DATA SHEET PMC-941033 ISSUE 6 SATURN USER NETWORK INTERFACE PLUS PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 39 Pin Name Type Pin No. Function VSS_DC1 VSS_DC2 VSS_DC3 VSS_DC4 VSS_DC5 VSS_DC6 VSS_DC7 VSS_DC8 VSS_DC9 VSS_DC10 VSS_DC11 Ground 8 30 38 61 79 99 130 161 178 198 207 The DC ground (VSS_DC1 - VSS_DC11) pins should be connected to GND in common with VSS_AC. VDD_AC1 VDD_AC2 VDD_AC3 VDD_AC4 VDD_AC5 VDD_AC6 VDD_AC7 VDD_AC8 Power 4 33 82 97 133 165 183 200 The pad ring power (VDD_AC1 - VDD_AC8) pins should be connected to a well decoupled +5 V DC in common with VDD_DC VSS_AC1 VSS_AC2 VSS_AC3 VSS_AC4 VSS_AC5 VSS_AC6 VSS_AC7 VSS_AC8 Ground 5 34 83 100 134 166 184 201 The pad ring ground (VSS_AC1 - VSS_AC8) pins should be connected to GND in common with VSS_DC. |