| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5347 Fiches technique(PDF) 22 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5347 Fiches technique(HTML) 22 Page - PMC-Sierra, Inc |
|
22 / 302 page ![]() PM5347 S/UNI-PLUS DATA SHEET PMC-941033 ISSUE 6 SATURN USER NETWORK INTERFACE PLUS PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 6 3 REFERENCES 1. ITU Recommendation G.709 DRAFT - "Synchronous Multiplexing Structure", COM XVIII-R 105-E. 2. ITU Recommendation I.432 DRAFT - "B-ISDN User-Network Interface-Physical Interface Specification", COM XVIII-R 80-E. 3. Bell Communications Research - SONET Transport Systems: Common Generic Criteria, GR-253-CORE, Issue 1, December 1994. 4. ATM Forum - ATM User-Network Interface Specification, V3.0, October, 1993. 5. ATM Forum - BISDN Inter Carrier Interface Specification, V1.0, August, 1993. 6. IEEE 1149.1 - Standard Test Access Port and Boundary Scan Architecture, May 21, 1990. 7. T1.105, American National Standard for Telecommunications - Digital Hierarchy - Optical Interface Rates and Formats Specifications (SONET), 1991 8. T1X1.3/93-006R3, Draft American National Standard for Telecommunications, Synchronous Optical Network (SONET): Jitter at Network Interfaces 9. T1E1.2/94-002R1, Draft American National Standard for Telecommunications, Broadband ISDN and DS1/ATM User Network Interfaces: Physical Layer Specification |