| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5347 Fiches technique(PDF) 78 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5347 Fiches technique(HTML) 78 Page - PMC-Sierra, Inc |
|
78 / 302 page ![]() PM5347 S/UNI-PLUS DATA SHEET PMC-941033 ISSUE 6 SATURN USER NETWORK INTERFACE PLUS PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 62 Figure 8 - STS-1 Default Transport Overhead Values J0 (0x01) A2 (0x28) F1 (0x00) E1 (0x00) B1 (*) D3 (0x00) D2 (0x00) D1 (0x00) H3 (0x00) H2 (0x0A) H1 (0x62) K2 (0x00) K1 (0x00) B2 (*) D6 (0x00) D5 (0x00) D4 (0x00) D9 (0x00) D8 (0x00) D7 (0x00) D12 (0x00) D11 (0x00) D10 (0x00) E2 (0x00) M0 (*) S1 (0x00) A1 (0xF6) * : B1, B2 values depend on payload contents M0 value depends on incoming line bit errors 9.14 Transmit Path Overhead Processor The Transmit Path Overhead Processor (TPOP) provides transport frame alignment generation, pointer generation (H1, H2), path overhead insertion and the insertion of path level alarm signals. Pointer Generator The Pointer Generator Block generates the outgoing payload pointer (H1, H2) as specified in the references. The concatenation indication (the NDF field set to |