| Moteur de recherche de fiches techniques de composants électroniques |
|
CS89712 Fiches technique(PDF) 168 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS89712 Fiches technique(HTML) 168 Page - Cirrus Logic |
|
168 / 170 page ![]() CS89712 168 DS502PP2 0000004C E1580009 CMP r8, r9 00000050 BAFFFFF8 BLT uart_ready_loop ; Do more if end of buffer not reached 00000054 00000054 ;;; All received, send end flag 00000054 00000054 E3A0003E MOV r0, #EndFlag 00000058 E5CC0480 STRB r0, [r12, #Hw_UARTDR1] ; Send reply 0000005C 0000005C 0000005C 0000005C ;;; Having loaded all the bytes, do the right thing to finish. 0000005C ;;; 0000005C 0000005C E55807FD LDRB r0, [r8, #(3-ImageSize)] 00000060 E35000FF CMP r0, #BootImageFlagByte 00000064 00000064 00000064 01A0F00E MOVEQ pc, r14 ; Return to caller for secure image 00000068 00000068 00000068 00000068 00000068 E28CAB09 ADD r10, r12, #WWWWWWWWWW ; R10 = 0x80002400 (also XXXXXX) 0000006C E58AC080 STR r12, [r10, #(ZZZZZZZZZZZ - YYYYYYYYYY)] 00000070 E248FB02 SUB pc, r8, #ImageSize ; Branch to 0x10000000 00000074 00000074 00000074 ;;; Put a checksum here so this part can be verified, too. 00000074 ;;; Have to pad the tail out to 31 words, then the checksum. 00000074 00000074 0000000000 ALIGN 128, -4 ; Align just before end of 128-byte tail 0000007C uart_checksum 0000007C 436B74AB DCD 0x436b74ab 00000080 00000080 ASSERT (. - start_of_rom) = 640 ; Check that it’s in the right place 00000080 00000080 END |