Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS89712 Fiches technique(PDF) 167 Page - Cirrus Logic

No de pièce CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Fiches technique(HTML) 167 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 162Page - Cirrus Logic CS89712 Datasheet HTML 163Page - Cirrus Logic CS89712 Datasheet HTML 164Page - Cirrus Logic CS89712 Datasheet HTML 165Page - Cirrus Logic CS89712 Datasheet HTML 166Page - Cirrus Logic CS89712 Datasheet HTML 167Page - Cirrus Logic CS89712 Datasheet HTML 168Page - Cirrus Logic CS89712 Datasheet HTML 169Page - Cirrus Logic CS89712 Datasheet HTML 170Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 167 / 170 page
background image
CS89712
DS502PP2
167
Appendix B: Boot Code
00000000
uart_boot_base
00000000 E3A0C102
MOV
r12, #HwRegisterBase ; R12 = 0x80000000
00000004
00000004 E3A08201
MOV
r8, #InternalRamBase ; R8 = 0x10000000
00000008 E2889B02
ADD
r9, r8, #ImageSize ; R9 = 0x10000800
0000000C
0000000C
;;; The remaining code is functionally identical to the 7111 boot code
0000000C
0000000C
;;; First, initialize HW control of UART
0000000C
0000000C 00000480 Hw_UARTDR1 EQU
0x0480
0000000C
0000000C 000004C0 Hw_UBRLCR1 EQU
0x04c0
0000000C 00000017 Hw_BR9600
EQU
0x00000017 ; 9600 baud divisor = 23
0000000C 0000000B Hw_BR9600_13 EQU
0x0000000b ; 9600 baud divisor = 11
0000000C 00060000 Hw_WRDLEN8 EQU
0x00060000
0000000C
0000000C E3A00C01
MOV
r0, #Hw_UART1EN ; Enable UART
00000010 E58C0100
STR
r0, [r12, #Hw_SYSCON]
00000014
00000014 E28C1D45
ADD
r1, r12, #Hw_SYSFLG2 ; (was LDR, ADD in 7111 code)
00000018 E5917000
LDR
r7, [r1]
; R7 = SYSFLG2
0000001C
0000001C E3170040
TST
r7, #Hw_CKMODE
00000020 13A0000B
MOVNE r0, #Hw_BR9600_13 ; Load 13 MhZ value if bit set
00000024 03A00017
MOVEQ r0, #Hw_BR9600 ; If not set, load other divisor
00000028 E3800806
ORR
r0, r0, #Hw_WRDLEN8 ; Insert 8-bit character mode
0000002C
0000002C E58C04C0
STR
r0, [r12, #Hw_UBRLCR1]
00000030
00000030 0000003C StartFlag EQU
‘<’
00000030 0000003E EndFlag EQU
‘>’
00000030
00000030
;;; Send ready signal
00000030 E3A0003C
MOV
r0, #StartFlag
00000034 E58C0480
STR
r0, [r12, #Hw_UARTDR1]
00000038
00000038
;;; Receive the data
00000038
;;; Store bytes at R9 address, stop loop when R8 == R9
00000038
;;; Leaves R8 set to 0x10000800
00000038
00000038
;;; Wait for byte to be available
00000038
00000038
uart_ready_loop
00000038 E59C1140
LDR
r1, [r12, #Hw_SYSFLG] ; Spin, if Rx FIFO is empty
0000003C E3110501
TST
r1, #Hw_URXFE1
00000040 1AFFFFFC
BNE
uart_ready_loop
00000044
00000044
;;; Read the data, store it, and accumulate checksum
00000044 E59C0480
LDR
r0, [r12, #Hw_UARTDR1] ; Read data
00000048 E4C80001
STRB
r0, [r8], #1 ; Save it in memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More