| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B520M Fiches technique(PDF) 18 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B520M Fiches technique(HTML) 18 Page - SPANSION |
|
18 / 113 page ![]() D a t a S h e e t March 18, 2015, MB9B520M_DS706-00048-3v0-E 15 CONFIDENTIAL BGA-96P-M07 (TOP VIEW) H J 11 A B C 6 7 K L D E F G 8 9 10 3 4 5 VCC P3D 1 2 VSS VCC AN22 P53 P3E VSS AN05 AVSS MD1 VSS X1A INITX P4C P45 P49 P39 AN25 AN01 VSS TRSTX VSS P20 AN12 AN10 AN07 VSS P3F P56 VSS P32 P3A VSS VSS AN11 AN08 AN06 AN04 AN18 TCK/ SWCLK VSS P07 AN16 TDO/ SWO AN17 AN13 AN15 AN19 UDP0 UDM0 USBVCC VSS TMS/ SWDIO AN24 AN20 P63 P0D AN02 VSS AN26 VSS AN21 P3B P3C P4E P48 P4A P4D P4B MD0 P55 X0 X1 VSS Index P33 AVRL AVCC AN00 VCC VSS C X0A VSS P44 VSS P0E AN23 VSS P54 VSS TDI AN14 VSS AN09 AVRH <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |