| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B520M Fiches technique(PDF) 31 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B520M Fiches technique(HTML) 31 Page - SPANSION |
|
31 / 113 page ![]() D a t a S h e e t 28 MB9B520M_DS706-00048-3v0-E, March 18, 2015 CONFIDENTIAL Pin function Pin name Function description Pin No LQFP-80 BGA-96 LQFP-64 QFN-64 LQFP-48 QFN-48 GPIO P30 General-purpose I/O port 3 9 E2 5 - P31 10 E3 6 - P32 11 G1 7 - P33 12 G2 8 - P39 13 G3 9 5 P3A 14 H1 10 6 P3B 15 H2 11 7 P3C 16 H3 12 8 P3D 17 J1 13 9 P3E 18 J2 14 10 P3F 19 J4 15 11 P44 General-purpose I/O port 4 21 L5 - - P45 22 K5 - - P46 26 L3 19 15 P47 27 K3 20 16 P48 29 J5 - - P49 30 K6 22 18 P4A 31 J6 23 19 P4B 32 L7 24 - P4C 33 K7 25 - P4D 34 J7 26 - P4E 35 K8 27 - P50 General-purpose I/O port 5 2 C1 2 2 P51 3 C2 3 3 P52 4 B3 4 4 P53 5 D1 - - P54 6 D2 - - P55 7 D3 - - P56 8 E1 - - P60 General-purpose I/O port 6 76 C4 60 44 P61 75 B4 59 43 P62 74 C5 58 - P63 73 B5 - - P80 General-purpose I/O port 8 78 A3 62 46 P81 79 A2 63 47 PE0 General-purpose I/O port E 36 K9 28 20 PE2 38 L9 30 22 PE3 39 L10 31 23 |