Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9B520M Fiches technique(PDF) 17 Page - SPANSION

No de pièce MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Fiches technique(HTML) 17 Page - SPANSION

Back Button MB9B520M Datasheet HTML 13Page - SPANSION MB9B520M Datasheet HTML 14Page - SPANSION MB9B520M Datasheet HTML 15Page - SPANSION MB9B520M Datasheet HTML 16Page - SPANSION MB9B520M Datasheet HTML 17Page - SPANSION MB9B520M Datasheet HTML 18Page - SPANSION MB9B520M Datasheet HTML 19Page - SPANSION MB9B520M Datasheet HTML 20Page - SPANSION MB9B520M Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
D a t a S h e e t
14
MB9B520M_DS706-00048-3v0-E, March 18, 2015
CONFIDENTIAL
LCC-48P-M73
(TOP VIEW)
VCC
1
36
P21/AN14/SIN0_0/INT06_1/WKUP2
P50/AN22/INT00_0/AIN0_2/SIN3_1
2
35
P22/AN13/SOT0_0/TIOB7_1
P51/AN23/INT01_0/BIN0_2/SOT3_1
3
34
P23/AN12/SCK0_0/TIOA7_1
P52/AN24/INT02_0/ZIN0_2/SCK3_1
4
33
AVRL
P39/DTTI0X_0/INT06_0/ADTG_2
5
32
AVRH
P3A/RTO00_0/TIOA0_1/INT07_0/SUBOUT_2/RTCCO_2
6
31
AVCC
P3B/RTO01_0/TIOA1_1
7
30
P15/AN05/SOT0_1/INT14_0/IC03_2
P3C/RTO02_0/TIOA2_1/INT18_2
8
29
P14/AN04/SIN0_1/INT03_1/IC02_2
P3D/RTO03_0/TIOA3_1
9
28
AVSS
P3E/RTO04_0/TIOA4_1/INT19_2
10
27
P12/AN02/SOT1_1/TX1_2/IC00_2
P3F/RTO05_0/TIOA5_1
11
26
P11/AN01/SIN1_1/INT02_1/RX1_2/FRCK0_2/WKUP1
VSS
12
25
P10/AN00
QFN - 48
<Note>
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More