| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B520M Fiches technique(PDF) 29 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B520M Fiches technique(HTML) 29 Page - SPANSION |
|
29 / 113 page ![]() D a t a S h e e t 26 MB9B520M_DS706-00048-3v0-E, March 18, 2015 CONFIDENTIAL Pin function Pin name Function description Pin No LQFP-80 BGA-96 LQFP-64 QFN-64 LQFP-48 QFN-48 External Interrupt INT00_0 External interrupt request 00 input pin 2 C1 2 2 INT00_2 67 C8 54 - INT01_0 External interrupt request 01 input pin 3 C2 3 3 INT02_0 External interrupt request 02 input pin 4 B3 4 4 INT02_1 43 J10 35 26 INT03_0 External interrupt request 03 input pin 73 B5 - - INT03_1 46 H9 38 29 INT03_2 9 E2 5 - INT04_0 External interrupt request 04 input pin 12 G2 8 - INT04_1 49 F10 40 - INT04_2 10 E3 6 - INT05_0 External interrupt request 05 input pin 60 P20 - - INT05_1 55 E10 - - INT05_2 11 G1 7 - INT06_0 External interrupt request 06 input pin 13 G3 9 5 INT06_1 59 C11 48 36 INT06_2 35 K8 27 - INT07_0 External interrupt request 07 input pin 14 H1 10 6 INT07_2 5 D1 - - INT08_2 External interrupt request 08 input pin 8 E1 - - INT10_0 External interrupt request 10 input pin 21 L5 - - INT11_0 External interrupt request 11 input pin 22 K5 - - INT12_0 External interrupt request 12 input pin 33 K7 25 - INT13_0 External interrupt request 13 input pin 34 J7 26 - INT14_0 External interrupt request 14 input pin 47 G10 39 30 INT14_1 29 J5 - - INT15_0 External interrupt request 15 input pin 48 G9 - - INT15_1 76 C4 60 44 INT16_1 External interrupt request 16 input pin 78 A3 62 46 INT17_1 External interrupt request 17 input pin 79 A2 63 47 INT18_0 External interrupt request 18 input pin 68 C7 55 - INT18_1 6 D2 - - INT18_2 16 H3 12 8 INT19_0 External interrupt request 19 input pin 59 C11 56 - INT19_1 7 D3 - - INT19_2 18 J2 14 10 |