| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B520M Fiches technique(PDF) 97 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B520M Fiches technique(HTML) 97 Page - SPANSION |
|
97 / 113 page ![]() D a t a S h e e t 94 MB9B520M_DS706-00048-3v0-E, March 18, 2015 CONFIDENTIAL ・ Operation example of return from Low-Power consumption mode (by internal resource interrupt*) Internal resource interrupt tICNT Interrupt factor accept CPU Operation Start Active Interrupt factor clear by CPU *: Internal resource interrupt is not included in return factor by the kind of Low-Power consumption mode. Notes: ・ The return factor is different in each Low-Power consumption modes. See "Chapter 6: Low Power Consumption Mode" and "Operations of Standby Modes" in FM3 Family PERIPHERAL MANUAL. ・ When interrupt recoveries, the operation mode that CPU recoveries depends on the state before the Low-Power consumption mode transition. See "Chapter 6: Low Power Consumption Mode" in "FM3 Family PERIPHERAL MANUAL". |