| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B520M Fiches technique(PDF) 16 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B520M Fiches technique(HTML) 16 Page - SPANSION |
|
16 / 113 page ![]() D a t a S h e e t March 18, 2015, MB9B520M_DS706-00048-3v0-E 13 CONFIDENTIAL FPT-48P-M49 (TOP VIEW) VCC 1 36 P21/AN14/SIN0_0/INT06_1/WKUP2 P50/AN22/INT00_0/AIN0_2/SIN3_1 2 35 P22/AN13/SOT0_0/TIOB7_1 P51/AN23/INT01_0/BIN0_2/SOT3_1 3 34 P23/AN12/SCK0_0/TIOA7_1 P52/AN24/INT02_0/ZIN0_2/SCK3_1 4 33 AVRL P39/DTTI0X_0/INT06_0/ADTG_2 5 32 AVRH P3A/RTO00_0/TIOA0_1/INT07_0/SUBOUT_2/RTCCO_2 6 31 AVCC P3B/RTO01_0/TIOA1_1 7 30 P15/AN05/SOT0_1/INT14_0/IC03_2 P3C/RTO02_0/TIOA2_1/INT18_2 8 29 P14/AN04/SIN0_1/INT03_1/IC02_2 P3D/RTO03_0/TIOA3_1 9 28 AVSS P3E/RTO04_0/TIOA4_1/INT19_2 10 27 P12/AN02/SOT1_1/TX1_2/IC00_2 P3F/RTO05_0/TIOA5_1 11 26 P11/AN01/SIN1_1/INT02_1/RX1_2/FRCK0_2/WKUP1 VSS 12 25 P10/AN00 LQFP - 48 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |